ki t 3 0 33 s rev. date: 04 - august - 14 ksd - xxxxxx - 000 photo interrupter the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you please refer to the latest specifications. d escription the kit 3 0 33 s a compact transmission type photo interrupter, which combine high - output gaas ired with high sensitive dual photo transistors. features ? surface mount package ? slit : 0.3mm (channel distance : 0.8mm). ? moisture sensitive level(ms l)3. ? gap : 3.0mm. ? rohs compliance. applications ? motor control . ? postion encoder. ? printers. ? ticket vending machines . absolute maximum ratings (t a =25 , unless otherwise specified) characteristic symbol ratings unit input led power dissipation p d 75 ? forward current i f 50 ? reverse voltage v r 5 v pulse forward current *1 i fp 0.5 a output detector collector dissipation p c 75 ? collector cur rent i c 20 ? c - e voltage v ceo 3 0 v e - c voltage v eco 5 v operating temperature *2 topr. - 40 ~ 105 storage temperature *2 tstg. - 40 ~ 105 soldering temperature *3 tsol. 260 reflow soldering temperature tsol. 250 *1 : pulse width tw 100 ? , period t=10 ? *2 : no icebound or dew *3 : for 5s or less
rev. date: 04 - august - 14 ksd - xxxxxx - 000 ki t 3 0 33 s the contents of this data sheet are subject to change without advance notice for the purpose of improvem ent. when using this product, would you please refer to the latest specifications. electrical characteristics (t a =25 ) characteristic s y mbol min. typ. max. unit condition input forward voltage v f - 1.2 1.4 v i f =20 ? reverse cu rrent i r - - 10 ? v r =5v peak wavelength p - 940 - ? i f = 15 ? output dark current i ceo - 1 100 ? v ce = 10 v, 0 lu x collector current ic 0.3 - - m a i f = 15 ? , v ce = 5v collector - emitter saturation voltage v ce(sat ) - - 0.4 v i f = 15 ? , i c = 0.05 ma response time rise time tr - 4 15 ? v cc = 5v , i c = 0.3 ? r l =100? fall time tf - 5 20 ? ? circuit for m easuring r esponse t ime
rev. date: 04 - august - 14 ksd - xxxxxx - 000 ki t 3 0 33 s the contents of this data sheet are subject to change without advance notice for the purpose of improvem ent. when using this product, would you please refer to the latest specifications. package outline dimensions
|